Part Number Hot Search : 
KIV10 HC451 16X5R 4503B N0417 DF30NA80 TJC50A 1N5554US
Product Description
Full Text Search
 

To Download SF86G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : -55 to + 150 to-220ac sf81g symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg sf82g sf83g sf84g sf85g 50 100 200 140 200 400 35 70 280 50 100 400 SF86G 600 420 600 8.0 10.0 125 1.3 1.5 0.95 35 50 250 65 2.2 unit v v v v a a ua ua o c pf o cw ns 300 210 300 maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 8.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) features ? l o w forward voltage drop ? fast switching for high efficiency ? high current capability ? case: molded plastic to-220ac ? high surge current capability ? weight: 2.03 grams ? polarity:color band denotes cathode method 208 ? mounting position: any ? terminals: solderable per mil-std-202 mechanical data ? low reverse leakage current r jc temperature range (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. (3) thermal resistance junction to case. ? epoxy: ul 94v-0 rate flame retardant 1 2 max.412(10.5) max.05(1.5) .06(1.52) .05(1.27) .594(15.1) .587(14.9) .56(14.22) .53(13.46) .037(0.94) .027(0.68) dia .16( 4 .06) .14( 3 .56) .205(5.20) .195(4.95) .154(3.91) .148(3.74) pin 1 2 .185(4.70) .175(4.44) .11(2.79) .10(2.54) .025(0.64) .014(0.35) .27(6.86) .23(5.84) .055(1.40) .045(1.14) description mechanical dimensions sf81g~86g
ratings and characteristic curves sf81g thru SF86G fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 8.0 3.0 2.0 1.0 4.0 6.0 5.0 7.0 iinstantaneous forward current, amperes 0.1 1.0 10 0.01 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 25 50 75 100 125 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p sf8a01-sf8a03 sf8a04-sf8a05 sf8a06


▲Up To Search▲   

 
Price & Availability of SF86G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X